Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6226PDTR Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce L6226PDTR
Description  DMOS dual full bridge driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226PDTR Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button L6226PDTR Datasheet HTML 5Page - STMicroelectronics L6226PDTR Datasheet HTML 6Page - STMicroelectronics L6226PDTR Datasheet HTML 7Page - STMicroelectronics L6226PDTR Datasheet HTML 8Page - STMicroelectronics L6226PDTR Datasheet HTML 9Page - STMicroelectronics L6226PDTR Datasheet HTML 10Page - STMicroelectronics L6226PDTR Datasheet HTML 11Page - STMicroelectronics L6226PDTR Datasheet HTML 12Page - STMicroelectronics L6226PDTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
L6226
Electrical characteristics
Doc ID 9452 Rev 4
9/31
Figure 3.
Switching characteristic definition
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tdt
Dead time protection
0.5
1
µs
fCP
Charge pump frequency
-25°C<Tj <125°C
0.6
1
MHz
Over current detection
Is over
Input supply over current detection
threshold
-25°C<Tj <125 °C; RCL= 39 kΩ
-25°C<Tj <125 °C; RCL= 5 kΩ
-25°C<Tj <125 °C; RCL= GND
-10%
-10%
-30%
0.29
2.21
2.8
+10%
+10%
+30%
A
ROPDR
Open drain ON resistance
I = 4mA
40
60
Ω
tOCD(ON) OCD turn-on delay time
(3)
I = 4mA; CEN < 100pF
200
ns
tOCD(OFF) OCD turn-off delay time
(3)
I = 4mA; CEN < 100pF
100
ns
1.
Tested at 25 °C in a restricted range and guaranteed by characterization
2.
See Figure 3
3.
See Figure 4
Table 5.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com