Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6226PDTR Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce L6226PDTR
Description  DMOS dual full bridge driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226PDTR Fiches technique(HTML) 3 Page - STMicroelectronics

  L6226PDTR Datasheet HTML 1Page - STMicroelectronics L6226PDTR Datasheet HTML 2Page - STMicroelectronics L6226PDTR Datasheet HTML 3Page - STMicroelectronics L6226PDTR Datasheet HTML 4Page - STMicroelectronics L6226PDTR Datasheet HTML 5Page - STMicroelectronics L6226PDTR Datasheet HTML 6Page - STMicroelectronics L6226PDTR Datasheet HTML 7Page - STMicroelectronics L6226PDTR Datasheet HTML 8Page - STMicroelectronics L6226PDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
L6226
Maximum ratings
Doc ID 9452 Rev 4
3/31
1
Maximum ratings
1.1
Absolute maximum ratings
1.2
Recommended operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Test conditions
Value
Unit
VS
Supply voltage
VSA = VSB = VS
60
V
VOD
Differen
tial voltage between
VSA, OUT1A, OUT2A, SENSEA
and VSB, OUT1B, OUT2B,
SENSEB
VSA = VSB = VS = 60V;
VSENSEA = VSENSEB = GND
60
V
OCDA,
OCDB
OCD pins voltage range
-0.3 to +10
V
PROGCLA,
PROGCLB
PROGCL pins voltage range
-0.3 to +7
V
VBOOT
Bootstrap peak voltage
VSA = VSB = VS
VS + 10
V
VIN,VEN
Input and enable voltage range
-0.3 to +7
V
VSENSEA,
VSENSEB
Voltage range at pins SENSEA and
SENSEB
-1 to +4
V
IS(peak)
Pulsed supply current (for each VS
pin), internally limited by the
overcurrent protection
VSA = VSB = VS; tPULSE < 1ms
3.55
A
IS
RMS supply current
(for each VS pin)
VSA = VSB = VS
1.4
A
Tstg, TOP
Storage and operating
temperature range
-40 to 150
°C
Table 2.
Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Max.
Unit
VS
Supply voltage
VSA = VSB = VS
8
52
V
VOD
Differential voltage between
VSA, OUT1A, OUT2A, SENSEA
and VSB, OUT1B, OUT2B,
SENSEB
VSA = VSB = VS;
VSENSEA = VSENSEB
52
V
VSENSEA,
VSENSEB
Vo
ltage range at pins SENSEA
and SENSEB
(pulsed tW < trr)
(DC)
-6
-1
6
1
V
V
IOUT
RMS output current
1.4
A
TJ
Operating junction temperature
-25
+125
°C
fsw
Switching frequency
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com