Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6226PDTR Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce L6226PDTR
Description  DMOS dual full bridge driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226PDTR Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button L6226PDTR Datasheet HTML 2Page - STMicroelectronics L6226PDTR Datasheet HTML 3Page - STMicroelectronics L6226PDTR Datasheet HTML 4Page - STMicroelectronics L6226PDTR Datasheet HTML 5Page - STMicroelectronics L6226PDTR Datasheet HTML 6Page - STMicroelectronics L6226PDTR Datasheet HTML 7Page - STMicroelectronics L6226PDTR Datasheet HTML 8Page - STMicroelectronics L6226PDTR Datasheet HTML 9Page - STMicroelectronics L6226PDTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Pin connections
L6226
6/31
Doc ID 9452 Rev 4
9
24
OCDB
Open drain
output
Bridge B overcurrent detection and thermal
protection pin.An internal open drain
transistor pulls to GND when overcurrent
on bridge B is detected or in case of
thermal protection.
10
25
SENSEB
Power
supply
Bridge B source pin. This pin must be
connected to power ground directly or
through a sensing power resistor.
11
26
IN1B
Logic input
Bridge B input 1
12
27
IN2B
Logic input
Bridge B input 2
13
28
PROGCLB
R pin
Bridge B overcurrent level programming. A
resistor connected between this pin and
Ground sets the programmable current
limiting value for the bridge B. By
connecting this pin to Ground the
maximum current is set.This pin cannot be
left non-connected.
14
29
ENB
Logic input
Bridge B enable. LOW logic level switches
OFF all Power MOSFETs of bridge B. If not
used, it has to be connected to +5V.
15
30
VBOOT
Supply
voltage
Bootstrap voltage needed for driving the
upper Power MOSFETs of both bridge A
and bridge B.
16
32
OUT2B
Power
output
Bridge B output 2.
17
33
VSB
Power
supply
Bridge B power supply voltage. it must be
connected to the supply voltage together
with pin VSA.
20
4
VSA
Power
supply
Bridge A power supply voltage. it must be
connected to the supply voltage together
with pin VSB.
21
5
OUT2A
Power
output
Bridge A output 2.
22
7
VCP
Output
Charge pump oscillator output.
Table 4.
Pin description (continued)
Pin n.
Name
Type
Function
SO24/
PowerDIP24
PowerSO36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com