| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2152 Fiches technique(PDF) 32 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2152 Fiches technique(HTML) 32 Page - Dallas Semiconductor |
|
32 / 94 page ![]() DS2152 32 of 93 RIR2: RECEIVE INFORMATION REGISTER 2 (Address=31 Hex) (MSB) (LSB) RLOSC LRCLC TESF TESE TSLIP RBLC RPDV TPDV SYMBOL POSITION NAME AND DESCRIPTION RLOSC RIR2.7 Receive Loss of Sync Clear. Set when the framer achieves synchronization; will remain set until read. LRCLC RIR2.6 Line Interface Receive Carrier Loss Clear. Set when the carrier signal is restored; will remain set until read. See Table 4-2. TESF RIR2.5 Transmit Elastic Store Full. Set when the transmit elastic store buffer fills and a frame is deleted. TESE RIR2.4 Transmit Elastic Store Empty. Set when the transmit elastic store buffer empties and a frame is repeated. TSLIP RIR2.3 Transmit Elastic Store Slip Occurrence. Set when the transmit elastic store has either repeated or deleted a frame. RBLC RIR2.2 Receive Blue Alarm Clear. Set when the Blue Alarm (AIS) is no longer detected; will remain set until read. See Table 4-2. RPDV RIR2.1 Receive Pulse Density Violation. Set when the receive data stream does not meet the ANSI T1.403 requirements for pulse density. TPDV RIR2.0 Transmit Pulse Density Violation. Set when the transmit data stream does not meet the ANSI T1.403 requirements for pulse density. |