| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2152 Fiches technique(PDF) 28 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2152 Fiches technique(HTML) 28 Page - Dallas Semiconductor |
|
28 / 94 page ![]() DS2152 28 of 93 CCR6: COMMON CONTROL REGISTER 6 (Address=1E Hex) (MSB) (LSB) RJC - - RCM4 RCM3 RCM2 RCM1 RCM0 SYMBOL POSITION NAME AND DESCRIPTION RJC CCR6.7 Receive Japanese CRC6 Enable. 0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation) 1 = use Japanese standard JT-G704 CRC6 calculation - CCR6.6 Not Assigned. Should be set to 0 when written. - CCR6.5 Not Assigned. Should be set to 0 when written. RCM4 CCR6.4 Receive Channel Monitor Bit 4. MSB of a channel decode that determines which receive channel data will appear in the RDS0M register. See Section 6 for details. RCM3 CCR6.3 Receive Channel Monitor Bit 3. RCM2 CCR6.2 Receive Channel Monitor Bit 2. RCM1 CCR6.1 Receive Channel Monitor Bit 1. RCM0 CCR6.0 Receive Channel Monitor Bit 0. LSB of the channel decode. |