| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2152 Fiches technique(PDF) 24 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2152 Fiches technique(HTML) 24 Page - Dallas Semiconductor |
|
24 / 94 page ![]() DS2152 24 of 93 CCR2: COMMON CONTROL REGISTER 2 (Address=38 Hex) (MSB) (LSB) TFM TB8ZS TSLC96 TFDL RFM RB8ZS RSLC96 RFDL SYMBOL POSITION NAME AND DESCRIPTION TFM CCR2.7 Transmit Frame Mode Select. 0 = D4 framing mode 1 = ESF framing mode TB8ZS CCR2.6 Transmit B8ZS Enable. 0 = B8ZS disabled 1 = B8ZS enabled TSLC96 CCR2.5 Transmit SLC-96 / Fs-Bit Loading Enable. Only set this bit to a 1 in D4 framing applications. Must be set to 1 to source the Fs pattern. See Section 11 for details. 0 = SLC-96/Fs-bit loading disabled 1 = SLC-96/Fs-bit loading enabled TFDL CCR2.4 Transmit FDL 0 Stuffer Enable. Set this bit to 0 if using the internal HDLC/BOC controller instead of the legacy support for the FDL. See Section 11 for details. 0 = 0 stuffer disabled 1 = 0 stuffer enabled RFM CCR2.3 Receive Frame Mode Select. 0 = D4 framing mode 1 = ESF framing mode RB8ZS CCR2.2 Receive B8ZS Enable. 0 = B8ZS disabled 1 = B8ZS enabled RSLC96 CCR2.1 Receive SLC-96 Enable. Only set this bit to a 1 in D4/SLC-96 framing applications. See Section 11 for details. 0 = SLC-96 disabled 1 = SLC-96 enabled RFDL CCR2.0 Receive FDL 0 Destuffer Enable. Set this bit to 0 if using the internal HDLC/BOC controller instead of the legacy support for the FDL. See Section 11 for details. 0 = 0 destuffer disabled 1 = 0 destuffer enabled |