| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2152 Fiches technique(PDF) 90 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2152 Fiches technique(HTML) 90 Page - Dallas Semiconductor |
|
90 / 94 page ![]() DS2152 90 of 93 TRANSMIT SIDE AC TIMING Figure 16-7 NOTES: 1. TSYNC is in the output mode (TCR2.2=1). 2. TSYNC is in the input mode (TCR2.2=0). 3. TSER is sampled on the falling edge of TCLK when the transmit side elastic store is disabled. 4. TCHCLK and TCHBLK are synchronous with TCLK when the transmit side elastic store is disabled. 5. TLINK is only sampled during F-bit locations. 6. No relationship between TCHCLK and TCHBLK and the other signals is implied. |