Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5261 Fiches technique(PDF) 3 Page - ams AG

No de pièce AS5261
Description  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5261 Fiches technique(HTML) 3 Page - ams AG

  AS5261 Datasheet HTML 1Page - ams AG AS5261 Datasheet HTML 2Page - ams AG AS5261 Datasheet HTML 3Page - ams AG AS5261 Datasheet HTML 4Page - ams AG AS5261 Datasheet HTML 5Page - ams AG AS5261 Datasheet HTML 6Page - ams AG AS5261 Datasheet HTML 7Page - ams AG AS5261 Datasheet HTML 8Page - ams AG AS5261 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AS5261
Datasheet - Applications
www.ams.com
Revision 1.1
2 - 32
Figure 2. AS5261 Block Diagram
OUT_T
12
VDD_T
VDD3V3_T
AS5261
OTP Register
(Programming
Parameters)
Sin
Cos
Hall Array
Frontend
Amplifier
ADC
Controller
GND_T
High Voltage/
Reverse Polarity
Protection
LS Driver
DSP
CORDIC
PWM
VDD_B
VDD3V3_B
OUT_B
GND_B
Single Pin
Interface
(UART)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33