Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5261 Fiches technique(PDF) 11 Page - ams AG

No de pièce AS5261
Description  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5261 Fiches technique(HTML) 11 Page - ams AG

Back Button AS5261 Datasheet HTML 7Page - ams AG AS5261 Datasheet HTML 8Page - ams AG AS5261 Datasheet HTML 9Page - ams AG AS5261 Datasheet HTML 10Page - ams AG AS5261 Datasheet HTML 11Page - ams AG AS5261 Datasheet HTML 12Page - ams AG AS5261 Datasheet HTML 13Page - ams AG AS5261 Datasheet HTML 14Page - ams AG AS5261 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AS5261
Datasheet - Detailed Descr i p ti on
www.ams.com
Revision 1.1
10 - 32
8.2.3 Application Specific Programming of the Break Point
The break point BP can be programmed as well with 14 bits. This is important when the default transition point is inside the application range. In
such a case the default transition point must be shifted out of the application range. The parameter BP defines the new position.
Figure 5. Individual Programming of the Break Point BP
8.2.4 Multiple Slope Output
The AS5261 can be programmed to multiple slopes. Where one programmed reference slope characteristic is copied to multiple slopes. Two,
three and four slopes are selectable by the user OTP bits QUADEN (1:0). In addition to the steepness of the slope the clamping levels can be
programmed as well.
Figure 6. Two Slope Mode
0
100 % DC
360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33