| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5261 Fiches technique(PDF) 27 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5261 Fiches technique(HTML) 27 Page - ams AG |
|
27 / 33 page ![]() AS5261 Datasheet - Application In form atio n www.ams.com Revision 1.1 26 - 32 9.6 Special Registers Table 15. Special Registers Data Byte Bit Number Symbol Default Description DATA0 (0x41) 0 AS5261KEY<0> 0 AS5261 KEY<15:0>=0101 0001 0110 0010 A write command with data different from AS5261 KEY is not executed A read command returns all data bits at 0 1 AS5261KEY<1> 0 2 AS5261KEY<2> 0 3 AS5261KEY<3> 0 4 AS5261KEY<4> 0 5 AS5261KEY<5> 0 6 AS5261KEY<6> 0 7 AS5261KEY<7> 0 DATA1 (0x42) 0 AS5261KEY<8> 0 1 AS5261KEY<9> 0 2 AS5261KEY<10> 0 3 AS5261KEY<11> 0 4 AS5261KEY<12> 0 5 AS5261KEY<13> 0 6 AS5261KEY<14> 0 7 AS5261KEY<15> 0 DATA0 (0x60) 0 AS5261KEY<0> 0 AS5261 KEY<15:0>=0101 0001 0110 0010 A write command with data different from AS5261 KEY is not executed A read command returns all data bits at 0 1 AS5261KEY<1> 0 2 AS5261KEY<2> 0 3 AS5261KEY<3> 0 4 AS5261KEY<4> 0 5 AS5261KEY<5> 0 6 AS5261KEY<6> 0 7 AS5261KEY<7> 0 DATA1 (0x61) 0 AS5261KEY<8> 0 1 AS5261KEY<9> 0 2 AS5261KEY<10> 0 3 AS5261KEY<11> 0 4 AS5261KEY<12> 0 5 AS5261KEY<13> 0 6 AS5261KEY<14> 0 7 AS5261KEY<15> 0 |