| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C981 Fiches technique(PDF) 5 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C981 Fiches technique(HTML) 5 Page - Advanced Micro Devices |
|
5 / 40 page ![]() Am79C981 1–75 PRELIMINARY ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed by a combination of the elements below. Valid Combinations Valid combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am79C981 J C DEVICE NUMBER/DESCRIPTION Am79C981 Integrated Multiport Repeater Plus (IMR+) OPTIONAL PROCESSING Blank = Standard Processing OPERATING CONDITIONS C = Commercial (0 °C to +70°C) PACKAGE TYPE J = 84-Pin Plastic Leaded Chip Carrier (PL 084) SPEED Not Applicable Valid Combinations Am79C981 JC |