Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C981 Fiches technique(PDF) 21 Page - Advanced Micro Devices

No de pièce AM79C981
Description  Integrated Multiport Repeater Plus??(IMR??
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C981 Fiches technique(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C981 Datasheet HTML 17Page - Advanced Micro Devices AM79C981 Datasheet HTML 18Page - Advanced Micro Devices AM79C981 Datasheet HTML 19Page - Advanced Micro Devices AM79C981 Datasheet HTML 20Page - Advanced Micro Devices AM79C981 Datasheet HTML 21Page - Advanced Micro Devices AM79C981 Datasheet HTML 22Page - Advanced Micro Devices AM79C981 Datasheet HTML 23Page - Advanced Micro Devices AM79C981 Datasheet HTML 24Page - Advanced Micro Devices AM79C981 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AMD
PRELIMINARY
1–91
Am79C981
Am79C981
IMR+ Chip
XTAL
OSC
CK
D
Q
ASYNC
RESET
X1
X2
RST
STR
CRS
CLR
CK
Q
Q
D
1/2 ’74
TCK
CK
SI
SIPO
CK
Register
T
P
7
T
P
6
T
P
5
T
P
0
A
U
I
Shift Register
Carrier Sense Outputs
1/2 ’74
TCK
17306B-9
Figure 5a. Port Activity Monitor Implementation
17306B-10
RST
X1
TCK
(Note 1)
CRS
STR
(Note 3)
12
9
10
11
AUI
TP0
TP1
TP7
X
AUI
TP0
(Note 2)
Notes:
1. Externally generated signal illustrates internal IMR+ chip clock phase relationship.
2. IMR+ chip standalone, X will be low. When attached to a HIMIB device, X reflects the state of the CI pair.
3. STR signal is not available when the IMR+ chip is attached to HIMIB device, and must be generated externally.
Figure 5b. Port Activity Monitor Implementation (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40