| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C981 Fiches technique(PDF) 24 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C981 Fiches technique(HTML) 24 Page - Advanced Micro Devices |
|
24 / 40 page ![]() AMD PRELIMINARY 1–94 Am79C981 APPLICATIONS A fully managed multiport repeater can be easily built by interfacing the IMR+ chip with the Hardware Imple- mented Management Information Base (HIMIB), Am79C987 device. The HIMIB device interfaces with all common Microprocessor System Busses with a minimum of external logic. Note that additional buffering of DAT and JAM are required for most applications. For more information, refer to AMD’s IEEE 802.3 Repeater Technical Manual (PID# 17314A). 17306B-14 HIMIB IMR+ CRS STR SI SO SCLK CRS STR SI SO SCLK REQ DAT JAM ACK COL RST CK Address Decode CS C/ D Data Buffer RD WR RDY Host System Bus Expansion Bus D [7–0] X1 INT Figure 8. Simplified ISA-HUB Block Diagram |