Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C970A Fiches technique(PDF) 207 Page - Advanced Micro Devices

No de pièce AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Fiches technique(HTML) 207 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 203Page - Advanced Micro Devices AM79C970A Datasheet HTML 204Page - Advanced Micro Devices AM79C970A Datasheet HTML 205Page - Advanced Micro Devices AM79C970A Datasheet HTML 206Page - Advanced Micro Devices AM79C970A Datasheet HTML 207Page - Advanced Micro Devices AM79C970A Datasheet HTML 208Page - Advanced Micro Devices AM79C970A Datasheet HTML 209Page - Advanced Micro Devices AM79C970A Datasheet HTML 210Page - Advanced Micro Devices AM79C970A Datasheet HTML 211Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 219 page
background image
AMD
D-3
Am79C970A
C7:
After filling the second buffer and performing the
last chance lookahead to the next descriptor, the
PCnet-PCI II controller will write the status and
change the ownership bit of descriptor number 2.
S6:
After the ownership of descriptor number 2 has
been changed by the PCnet-PCI II controller, the
next driver poll of the 2nd descriptor will show
ownership granted to the CPU. The driver now
copies the data from buffer number 2 into the
middle section of the application buffer space.
This operation is interleaved with the C7 and
C8 operations.
C8:
The PCnet-PCI II controller will perform data DMA
to the last buffer, whose pointer is pointing to ap-
plication space. Data entering the last buffer will
not need the infamous double copy that is required
by existing drivers, since it is being placed directly
into the application buffer space.
N2:
The message on the wire ends.
S7:
When the driver completes the copy of buffer
number 2 data to the application buffer space, it
begins polling descriptor number 3.
C9:
When the PCnet-PCI II controller has finished all
data DMA operations, it writes status and changes
ownership of descriptor number 3.
S8:
The driver sees that the ownership of descriptor
number 3 has changed, and it calls the application
to tell the application that a frame has arrived.
S9:
The application processes the received frame and
generates the next TX frame, placing it into a
TX buffer.
S10: The driver sets up the TX descriptor for the PCnet-
PCI II controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More