Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C970A Fiches technique(PDF) 189 Page - Advanced Micro Devices

No de pièce AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Fiches technique(HTML) 189 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 185Page - Advanced Micro Devices AM79C970A Datasheet HTML 186Page - Advanced Micro Devices AM79C970A Datasheet HTML 187Page - Advanced Micro Devices AM79C970A Datasheet HTML 188Page - Advanced Micro Devices AM79C970A Datasheet HTML 189Page - Advanced Micro Devices AM79C970A Datasheet HTML 190Page - Advanced Micro Devices AM79C970A Datasheet HTML 191Page - Advanced Micro Devices AM79C970A Datasheet HTML 192Page - Advanced Micro Devices AM79C970A Datasheet HTML 193Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 219 page
background image
P R E L I M I N A R Y
AMD
189
Am79C970A
SWITCHING WAVEFORMS: 10BASE-T INTERFACE
19436A-63
TXMTOFF
TXP+
TXD–
TXP–
TXD+
TTETD
TTF
XMT
t10bttx
TTR
TXMTON
Transmit Timing
TXD+
TXP+
TXD-
TXP-
TPWLP
TPERL
TPWPLP
19436A-64
Idle Link Test Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More