Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C90PC Fiches technique(PDF) 16 Page - Advanced Micro Devices

No de pièce AM79C90PC
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90PC Fiches technique(HTML) 16 Page - Advanced Micro Devices

Back Button AM79C90PC Datasheet HTML 12Page - Advanced Micro Devices AM79C90PC Datasheet HTML 13Page - Advanced Micro Devices AM79C90PC Datasheet HTML 14Page - Advanced Micro Devices AM79C90PC Datasheet HTML 15Page - Advanced Micro Devices AM79C90PC Datasheet HTML 16Page - Advanced Micro Devices AM79C90PC Datasheet HTML 17Page - Advanced Micro Devices AM79C90PC Datasheet HTML 18Page - Advanced Micro Devices AM79C90PC Datasheet HTML 19Page - Advanced Micro Devices AM79C90PC Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
AMD
P R E L I M I N A R Y
16
Am79C90
TCLK
HOLD
HLDA
A16–A23
BM0, BM1
ALE
DAS
READY
DAL0–DAL15
(Read)
DALO
(Read)
DALI
(Read)
READ
(Read)
O.D.
Address,
BM0, BM1
Address
Data In
100
200
300
400
500
T1
T2
T3
T4
T5
T6
TWAIT
17881B-11
0
T0
600
700
Figure 5-1. Bus Master Read Timing (Single DMA Cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62