Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C90PC Fiches technique(PDF) 55 Page - Advanced Micro Devices

No de pièce AM79C90PC
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90PC Fiches technique(HTML) 55 Page - Advanced Micro Devices

Back Button AM79C90PC Datasheet HTML 51Page - Advanced Micro Devices AM79C90PC Datasheet HTML 52Page - Advanced Micro Devices AM79C90PC Datasheet HTML 53Page - Advanced Micro Devices AM79C90PC Datasheet HTML 54Page - Advanced Micro Devices AM79C90PC Datasheet HTML 55Page - Advanced Micro Devices AM79C90PC Datasheet HTML 56Page - Advanced Micro Devices AM79C90PC Datasheet HTML 57Page - Advanced Micro Devices AM79C90PC Datasheet HTML 58Page - Advanced Micro Devices AM79C90PC Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
APPENDIX B
Am79C90
55
Comparison Between C-LANCE (Am79C90)
and LANCE (Am7990) Devices
OVERVIEW
The Am79C90 C-LANCE device is a pin-for-pin equiv-
alent for the Am7990 LANCE device. Using an ad-
vanced 0.8-micron CMOS process, the C-LANCE
device consumes less power than the LANCE device,
which is implemented in an outdated NMOS process.
In addition to the inherent advantages provided by the
advanced CMOS process, the C-LANCE device in-
cludes several functional enhancements over the
LANCE device.
The C-LANCE device is available in both 48-pin plastic
DIP and 68-pin PLCC packages. These packages are
socket-compatible with the LANCE packages.
This document provides a comparison of the C-LANCE
and LANCE devices. Table B-1 provides a summary of
the comparison between the two devices. The remain-
der of the document gives details on each item listed in
Table B-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62