Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C90PC Fiches technique(PDF) 5 Page - Advanced Micro Devices

No de pièce AM79C90PC
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90PC Fiches technique(HTML) 5 Page - Advanced Micro Devices

  AM79C90PC Datasheet HTML 1Page - Advanced Micro Devices AM79C90PC Datasheet HTML 2Page - Advanced Micro Devices AM79C90PC Datasheet HTML 3Page - Advanced Micro Devices AM79C90PC Datasheet HTML 4Page - Advanced Micro Devices AM79C90PC Datasheet HTML 5Page - Advanced Micro Devices AM79C90PC Datasheet HTML 6Page - Advanced Micro Devices AM79C90PC Datasheet HTML 7Page - Advanced Micro Devices AM79C90PC Datasheet HTML 8Page - Advanced Micro Devices AM79C90PC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Am79C90
5
PRELIMINARY
PIN DESCRIPTION
A16–A23
High Order Address Bus (Output, Three-State)
Additional address bits to access a 24-bit address.
These lines are driven as a Bus Master only.
ADR
Register Address Port Select (Input)
When the C-LANCE is a Slave, ADR indicates which of
the two register ports is selected. ADR LOW selects
register data port; ADR HIGH selects register address
port. ADR must be valid throughout the data portion of
the bus cycle and is only used by the C-LANCE when
CS is LOW.
ALE/AS
Address Latch Enable (Output, Three-State)
Used to demultiplex the DAL lines and define the
address portion of the bus cycle. This l/O pin is pro-
grammable through bit (01) of CSR3.
As ALE (CSR3 (01), ACON = 0), the signal transitions
from a HIGH to a LOW during the address portion of
the transfer and remains LOW during the data portion.
ALE can be used by a Slave device to control a latch on
the bus address lines. When ALE is HIGH, the latch is
open, and when ALE goes LOW, the latch is closed.
As AS (CSR3 (01), ACON = 1), the signal pulses LOW
during the address portion of the bus transaction. The
LOW-to-HlGH transition of AS can be used by a Slave
device to strobe the address into a register.
The C-LANCE drives the ALE/AS line only as a Bus
Master.
BM0/BYTE, BM1/BUSAKO
(Output, Three-State)
The two pins are programmable through bit (00) of
CSR3.
BM0, BM1—If CSR3 (00) BCON = 0
PIN 15 = BM0 (Output, Three-State) (48-Pin DlPs)
PIN 16 = BM1 (Output, Three-State) (48-Pin DlPs)
BM0, BM1 (Byte Mask). This indicates that the byte(s)
on the DAL are to be read or written during this bus
transaction. The C-LANCE drives these lines only as a
Bus Master. It ignores the Byte Mask lines when it is a
Bus Slave and assumes word transfers.
Byte selection using Byte Mask is done as described
by the following table:
BYTE, BUSAKO—If CSR3 (00) BCON = 1
PIN 15 = BYTE (Output, Three-State) (48-Pin DlPs)
PIN 16 = BUSAKO (Output) (48-Pin DIPs)
Byte selection may also be done using the BYTE line
and DAL00 line, latched during the address portion of
the bus cycle. The C-LANCE drives BYTE only as a
Bus Master and ignores it when a Bus Slave selection
is done (similar to BM0, BM1). Byte selection is done
as outlined in the following table:
BUSAKO is a bus request daisy chain output. If the chip
is not requesting the bus and it receives HLDA,
BUSAKO will be driven LOW. If the C-LANCE is re-
questing the bus when it receives HLDA, BUSAKO will
remain HIGH.
Byte Swapping
In order to be compatible with the variety of 16-bit mi-
croprocessors available to the designer, the C-LANCE
may be programmed to swap the position of the upper-
and lower-order bytes on data involved in transfers with
the internal FIFOs.
Byte swapping is done when BSWP = 1. The most
significant byte of the word in this case will appear on
DAL lines 7–0 and the least significant byte on DAL
lines 15–8.
When BYTE = H (indicating a byte transfer) the table in-
dicates on which part of the 16-bit data bus the actual
data will appear.
Whenever byte swap is activated, the only data that is
swapped is data traveling to and from the Transmit/
Receive FIFOs.
BM
1
BM
0
Selection
LOW
LOW
Whole Word
LOW
HIGH
Upper Byte
HlGH
LOW
Lower Byte
HlGH
HIGH
None
BYTE
DAL
00
Selection
LOW
LOW
Whole Word
LOW
HIGH
Illegal Condition
HlGH
LOW
Lower Byte
HlGH
HIGH
Upper Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62