Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C90PC Fiches technique(PDF) 4 Page - Advanced Micro Devices

No de pièce AM79C90PC
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90PC Fiches technique(HTML) 4 Page - Advanced Micro Devices

  AM79C90PC Datasheet HTML 1Page - Advanced Micro Devices AM79C90PC Datasheet HTML 2Page - Advanced Micro Devices AM79C90PC Datasheet HTML 3Page - Advanced Micro Devices AM79C90PC Datasheet HTML 4Page - Advanced Micro Devices AM79C90PC Datasheet HTML 5Page - Advanced Micro Devices AM79C90PC Datasheet HTML 6Page - Advanced Micro Devices AM79C90PC Datasheet HTML 7Page - Advanced Micro Devices AM79C90PC Datasheet HTML 8Page - Advanced Micro Devices AM79C90PC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
4
Am79C90
PRELIMINARY
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed
by a combination of the elements below.
Valid Combinations
Valid combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
AM79C90
P
C
DEVICE NUMBER/DESCRIPTION
Am79C90
CMOS Local Area Network Controller for Ethernet
OPTIONAL PROCESSING
Blank = Standard Processing
TR = Tape and Reel Packaging
OPERATING CONDITIONS
C = Commercial (0
°C to +70°C)
PACKAGE TYPE
P = 48-Pin Plastic DIP (PD 048)
J = 68-Pin Plastic Leaded Chip Carrier (PL 068)
SPEED
Not Applicable
B
Valid Combinations
AM79C90
PC, JC, JCTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62