| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C30AJC Fiches technique(PDF) 17 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C30AJC Fiches technique(HTML) 17 Page - Advanced Micro Devices |
|
17 / 101 page ![]() Am79C30A/32A Data Sheet 17 Transmission of Q bits The microprocessor can load the Multiframe Q-bit buffer (MFQB) once the Q-bit buffer empty bit (bit 6 of the Multiframe S bit/Status buffer) is set. The Q-bit buffer empty bit is set to a logical 1 at reset or when data that has been written to the Multiframe Q-bit buffer is transferred to the LIU. The Q-bit buffer empty bit is cleared to a logical 0 when the Multiframe S-bit/Status buffer is read. After multiframing has been requested and established, the Am79C30A/32A transfers the data written into the Q-bit Register to the LIU, synchronized to the multiframe, irrespective of the receipt of valid Q-control bits. If the microprocessor does not reload the Q-bit Register for retransmissions, the Q-bit pattern is repeated in the next multiframe. If multiframing is enabled but multiframe synchroniza- tion is not established, the LIU transmits the value loaded in MFQB bit 4 in all Q bits. The default value of MFQB bit 4 is a logical 0 which satisfies the CCITT rec- ommendations. When synchronization is achieved, the contents of MFQB bits 3 to 0 are transmitted according to Table 8. Loss of Multiframe Synchronization The Am79C30A/32A continuously monitors the FA (Q-bit control) and the M bits to ensure multiframe syn- chronization. Once multiframe synchronization is es- tablished, multiframe synchronization is lost if three consecutive invalid multiframes are received, or the LIU is no longer in state F6 or F7, or multiframing is dis- abled. When loss of multiframe synchronization occurs, bit 7 of the Multiframe Register is set to a logical 0, and bit 7 of the Multiframe S bit/Status buffer is set to a logical 1. The Am79C30A/32A also terminates the re- ception of S bits and transmission of Q bits until multi- framing synchronization is re-established. HSW The hookswitch circuitry on the DSC circuit provides the attached microprocessor with a way of converting an external mechanical hookswitch into a software status condition capable of generating an interrupt. Debounce and glitch rejection are provided internal to the DSC cir- cuit. The logic rejects glitches less than 162 ns and pro- vides debounce of 16 ms. HSW status reporting is disabled after RESET. It is enabled by any of the follow- ing: taking the device out of Idle mode, a write to a MUX Control Register (MCR3–MCR1), or unmasking the HSW interrupt. Table 8. Multiframing Structures Frame Number NT-to-TE Q Control Bit FA NT-to-TE M Bit (M) NT-to-TE S Bit (S) TE-to-NT FA Bit (Q Bit) 1 1 1 SC11 Q1 2 0 0 SC21 0 3 0 0 SC31 0 4 0 0 SC41 0 5 0 0 SC51 0 6 1 0 SC12 Q2 7 0 0 SC22 0 8 0 0 SC32 0 9 0 0 SC42 0 10 0 0 SC52 0 11 1 0 SC13 Q3 12 0 0 SC23 0 13 0 0 SC33 0 14 0 0 SC43 0 15 0 0 SC53 0 16 1 0 SC14 Q4 17 0 0 SC24 0 18 0 0 SC34 0 19 0 0 SC44 0 20 0 0 SC54 0 1 1 1 SC11 Q1 2 0 0 SC21 0 etc. |