Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C30AJC Fiches technique(PDF) 42 Page - Advanced Micro Devices

No de pièce AM79C30AJC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30AJC Fiches technique(HTML) 42 Page - Advanced Micro Devices

Back Button AM79C30AJC Datasheet HTML 38Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 39Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 40Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 41Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 42Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 43Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 44Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 45Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 101 page
background image
42
Am79C30A/32A Data Sheet
Transmit Address Register — (TAR) — Read/Write
Address = Indirect 83H
This register contains the address of the packet to be transmitted if the TAR bit is enabled (DMR1 bit 2).
First Received Byte Address Register — (FRAR1–FRAR4) — Read/Write
Address = Indirect FRAR1–FRAR3 = 81H, FRAR4 = 8CH
These registers contain the value to match against the first byte of the incoming address. If DMR1 bits 4–7 are dis-
abled, these registers are ignored.
Second Received Byte Address Register — (SRAR1–SRAR4) — Read/Write
Address = Indirect SRAR1–SRAR3 = 82H, SRAR4 = 8DH
These registers contain the value to match against the first byte of the incoming address. If DMR1 bits 4–7 are dis-
abled, these registers are ignored.
D-Channel Receive Byte Count Register — (DRCR) — Read
Address = Indirect 89H
This register determines the maximum number of bytes in a received packet.
D-Channel Receive Byte Limit Register — (DRLR) — Read/Write
Address = Indirect 84H
This register contains the total number of received bytes.
D-Channel Transmit Byte Count Register — (DTCR) — Read/Write
Address = Indirect 85H
This register contains the total number of transferred bytes.
Random Number Generator Register — (RNGR1, RNGR2) — Read/Write
Address = Indirect RNGR1 = 8AH, RNGR2 = 8BH
These registers control the operation of the Random Number Generator. When read, they display the random num-
ber generated by the chip.
D-Channel Transmit Buffer Register — (DCTB) —Write
D-channel transmit FIFO.
D-Channel Receive Buffer Register — (DCRB) — Read
D-channel receive FIFO.
D-Channel Mode Register 1 — (DMR1) — Read/Write
Address = Indirect 86H
DMR1 controls the enable/disable options for the DLC. It is under sole control of the microprocessor and does not
generate any interrupts. DMR1 is defined in Table 39.
Table 39.
D-Channel Mode Register 1
Bit
Logical 1
Logical 0
0
Enable D-channel Transmit Threshold interrupt (see IR bit 0)
Disable interrupt (default value)
1
Enable D-channel Receive Threshold interrupt (see IR bit 1)
Disable interrupt (default value)
2
Enable Transmit Address Register
Disable Transmit Address Register (default value)
3
Enable End of Receive Packet interrupt (see DSR1 bit 1)
Disable interrupt (default value)
4
Enable FRAR1/SRAR1
Disable FRAR1/SRAR1 (default value)
5
Enable FRAR2/SRAR2
Disable FRAR2/SRAR2 (default value)
6
Enable FRAR3/SRAR3
Disable FRAR3/SRAR3 (default value)
7
Enable FRAR4/SRAR4
Disable FRAR4/SRAR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More