Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C30AJC Fiches technique(PDF) 67 Page - Advanced Micro Devices

No de pièce AM79C30AJC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30AJC Fiches technique(HTML) 67 Page - Advanced Micro Devices

Back Button AM79C30AJC Datasheet HTML 63Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 64Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 65Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 66Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 67Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 68Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 69Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 70Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
Am79C30A/32A Data Sheet
67
Analog
Telephone
Interface
Am79C30A DSC Circuit
Am85C30 or PSB82525
Audio
Processor
B-Channel
MUX
PP
MPI
LIU
D-Channel
DLC
Surge
Protection
S/T
Data Link
Controller
Data Link
Controller
Microprocessor Interface
DMA
Controller
80188
DMA
Timers
Interrupts
Chip
CPU
Am85C30/PSB82525
Dual-Port
RAM
Controller
Dual-Port
RAM
Interface
ROM
Optional
DRAM
Controller
Program
Memory
Selects
DSC Circuit
Memory
Clock
PC Bus
PC Bus
Interface
09893H-12
Figure 16.
PC Add-On Board (1 or 2 Data Channels)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More