| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C30AJC Fiches technique(PDF) 45 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C30AJC Fiches technique(HTML) 45 Page - Advanced Micro Devices |
|
45 / 101 page ![]() Am79C30A/32A Data Sheet 45 D-Channel Status Register 1 — (DSR1) — Read Only DSR1 has the format shown in Table 44. The DSR1 bits generate interrupts and are set/reset under the conditions shown in Table 45 (in addition to a hard- ware reset or Idle mode). Table 44. D-Channel Status Register 1 Bit Logical 1 Logical 0 (Default Value) 0 Valid Address (VA) if the address decode logic is enabled or End-of-Address (EOA) if the address decode logic is disabled No valid address 1 End of receive packet Not end of packet 2 Packet reception in progress Packet not being received 3 Loopback in operation at Am79C30A/32A No loopback in operation at Am79C30A/32A 4 Loopback in operation at LIU No loopback in operation at LIU 5 D-channel back-off not in operation D-channel back-off in operation 6 End of valid transmit packet No end-of-transmit packet or no transmission 7 Current transmit packet has been aborted No transmit packet abort Table 45. DSR1 Interrupts Bit Generate Interrupt Bit Set Bit Reset 0 Yes, if DMR3 bit 0 = 1 Two bytes after an opening flag if a VA is decoded or address recognition is disabled When the microprocessor reads DSR1 or associated DRCR 1 Yes, if DMR1 bit 3 = 1 When a closing flag is received When the microprocessor reads DSR1 or associated DRCR 2 No One byte after the opening flag of any packet, valid or not When a flag or an abort is received 3 No When the operation is in progress When the operation is not in progress 4 No When the operation is in progress When the operation is not in progress 5 No When the operation is in progress When the operation is not in progress 6 Yes, if DMR3 bit 1 = 1 When the closing flag is transmitted When the microprocessor reads DSR1 or when DTCR is loaded 7 No When seven 1s and a 0 have been transmitted When the microprocessor reads DSR1 or when DTCR is loaded |