Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7992B Fiches technique(PDF) 2 Page - Advanced Micro Devices

No de pièce AM7992B
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992B Fiches technique(HTML) 2 Page - Advanced Micro Devices

  AM7992B Datasheet HTML 1Page - Advanced Micro Devices AM7992B Datasheet HTML 2Page - Advanced Micro Devices AM7992B Datasheet HTML 3Page - Advanced Micro Devices AM7992B Datasheet HTML 4Page - Advanced Micro Devices AM7992B Datasheet HTML 5Page - Advanced Micro Devices AM7992B Datasheet HTML 6Page - Advanced Micro Devices AM7992B Datasheet HTML 7Page - Advanced Micro Devices AM7992B Datasheet HTML 8Page - Advanced Micro Devices AM7992B Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
AMD
2
Am7992B
RELATED PRODUCTS
Part No.
Description
Am7990
Local Area Network Controller for Ethernet (LANCE)
Am7996
IEEE 802.3/Ethernet/Cheapernet/Transceiver
Am79C900
Integrated Local Area Communications Controller
TM (ILACCTM)
CONNECTION DIAGRAMS
Receive+
Collision–
DIP
CLSN
TCLK
Collision+
TEST
Transmit+
TX
GND1
RCLK
RX
Receive–
VCC1
PF
TENA
1
3
5
7
9
11
12
10
2
4
8
6
24
22
20
18
16
14
13
15
23
21
17
19
RENA
TSEL
X1
GND2
RF
GND3
Transmit–
X2
VCC2
Note:
Pin 1 is marked for orientation.
PLCC
03378I-2
03378I-3
1
2
3
4
28 27 26
25
5
24
23
22
21
20
19
18
17
16
15
6
7
8
9
10
11
12 13 14
RCLK
NC
TSEL
GND1
GND2
X1
X2
Receive-
TEST
VCC1
NC
VCC2
PF
RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27