Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7992B Fiches technique(PDF) 19 Page - Advanced Micro Devices

No de pièce AM7992B
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992B Fiches technique(HTML) 19 Page - Advanced Micro Devices

Back Button AM7992B Datasheet HTML 15Page - Advanced Micro Devices AM7992B Datasheet HTML 16Page - Advanced Micro Devices AM7992B Datasheet HTML 17Page - Advanced Micro Devices AM7992B Datasheet HTML 18Page - Advanced Micro Devices AM7992B Datasheet HTML 19Page - Advanced Micro Devices AM7992B Datasheet HTML 20Page - Advanced Micro Devices AM7992B Datasheet HTML 21Page - Advanced Micro Devices AM7992B Datasheet HTML 22Page - Advanced Micro Devices AM7992B Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AMD
19
Am7992B
SWITCHING WAVEFORMS
11
16
Bit (N – 1)
Bit N
(Note A)
17
Bit (N – 1)
Bit N
1
0
BCC
BCB
Receive
±
(Measured
Differentially)
INTCARR
VCO Enable
VCO
INTRCLK
RCK Enable
RCLK
RX
PLL CLK
RENA
Note:
A. INTCARR deasserts 1.55 bit times after last Receive
± Rising Edge.
03378I-14
BCC
Receive Timing – End of Reception (Last Bit = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27