Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7992B Fiches technique(PDF) 21 Page - Advanced Micro Devices

No de pièce AM7992B
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992B Fiches technique(HTML) 21 Page - Advanced Micro Devices

Back Button AM7992B Datasheet HTML 17Page - Advanced Micro Devices AM7992B Datasheet HTML 18Page - Advanced Micro Devices AM7992B Datasheet HTML 19Page - Advanced Micro Devices AM7992B Datasheet HTML 20Page - Advanced Micro Devices AM7992B Datasheet HTML 21Page - Advanced Micro Devices AM7992B Datasheet HTML 22Page - Advanced Micro Devices AM7992B Datasheet HTML 23Page - Advanced Micro Devices AM7992B Datasheet HTML 24Page - Advanced Micro Devices AM7992B Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AMD
21
Am7992B
SWITCHING WAVEFORMS
03378I-16
0.5 VO at 2
µs
0.5 VO at 2
µs
VO
29
30
30
VO
Bit (N – 2)
Bit (N – 1)
Bit N
BCC
BCB
BCC
BCB
BCC
BCB
X1
TCLK
TENA
TSEL
CASE 1
TX (Last Bit = 0)
Transmit+
Transmit–
Transmit
±
(Measured Differentially)
CASE 2
TX (Last Bit = 1)
Transmit+
Transmit–
VO
VO
Transmit
±
(Measured Differentially)
Transmit Timing – End of Transmission*
*TSEL Components (see Figure 2B).
See Typical Performance Curve for Response at End of Transmission with Inductive Loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27