| Moteur de recherche de fiches techniques de composants électroniques |
|
AM7992B Fiches technique(PDF) 26 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7992B Fiches technique(HTML) 26 Page - Advanced Micro Devices |
|
26 / 27 page ![]() AMD 26 Am7992B TYPICAL PERFORMANCE CURVE 600 500 400 300 200 100 0 –100 1.0 2.0 3.0 4.0 5.0 6.0 03378I-25 Time ( µs) Differential Output Voltage (VO) (mV) End of Transmission – Differential Output Voltage* Notes: R = 78 Ω* R = 78 Ω L = 95 µH 3 R = 78 Ω L = 75 µH 2 R = 78 Ω L = 60 µH 1 LR L Test R Test 60 µH Am7992B 75 µH NOM. AUI VO 80.4 Am7996 75 µH NOM. Am7992B 80.4 VO Am7996 95 µH 1. 802.3 Test Load: 2. 802.3 10BASE5 Network Connection: 3. 802.3 10BASE2 Network Connection: *Equivalent Load: 03378I-26 |