Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVALAD5933EB Fiches technique(PDF) 22 Page - Analog Devices

No de pièce EVALAD5933EB
Description  Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVALAD5933EB Fiches technique(HTML) 22 Page - Analog Devices

Back Button EVALAD5933EB Datasheet HTML 18Page - Analog Devices EVALAD5933EB Datasheet HTML 19Page - Analog Devices EVALAD5933EB Datasheet HTML 20Page - Analog Devices EVALAD5933EB Datasheet HTML 21Page - Analog Devices EVALAD5933EB Datasheet HTML 22Page - Analog Devices EVALAD5933EB Datasheet HTML 23Page - Analog Devices EVALAD5933EB Datasheet HTML 24Page - Analog Devices EVALAD5933EB Datasheet HTML 25Page - Analog Devices EVALAD5933EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
EVAL-AD5933EB
Preliminary Technical Data
Rev. PrC | Page 22 of 32
For example, assume the following:
•
The unknown test impedance limits are defined by
kΩ
220
kΩ
180
≤
≤
UNKNOWN
Z
•
The frequency range of interest is 30 kHz and 32 kHz
•
The following are the system calibration gain settings:
VDD = 3.3 V
Gain setting resistor (RFB) = 200 kΩ
ZCALIBRATION = 200 kΩ
PGA setting = ×1
Calibration frequency = 31 kHz (midpoint frequency)
The gain factor calculated at the midpoint frequency of 31 kHz
can be used to calculate any impedance in the 180 kΩ to 220 Ω
range. If the unknown impedance span or the frequency sweep
is too large, the accuracy of the calculated impedance
measurement degrades. In addition, if any of the calibration
system gain settings change, you must recalibrate the AD5933
and recalculate the gain factor (see the AD5933 data sheet for
further details).
Measuring Small Impedances
The AD5933 is capable of measuring impedance values of up to
10 MΩ if the system gain settings are chosen correctly for the
impedance subrange of interest. However, there are two points
to understand when measuring small impedances with the
AD5933.
First, if the user places a small impedance value (< ≈ 500 Ω over
the sweep frequency of interest) between the VOUT and VIN
pins, the signal current flowing through the impedance for a
fixed excitation voltage increases in accordance with Ohm’s law.
The output stage of the transmit side amplifier that is available
at the VOUT pin may not be able to provide the required
increase in current through the impedance. In addition, to
ensure a unity gain condition on the receive side I-V amplifier,
there must be a similar small value of feedback resistance for
system calibration, as outlined in the Calibrating the AD5933
section. The voltage presented at the VIN pin is hard biased at
VDD/2 due to the virtual earth on the receive side I-V amplifier
(see the AD5933 data sheet for further details). The increased
current’s sink/source requirement on the output of the receive
side I-V amplifier may also cause the amplifier to operate
outside of the linear region, resulting in significant errors in
subsequent impedance measurements.
Second, the value of the output series resistance (ROUT see
Figure 28 ) at the VOUT pin of the AD5933 must be taken into
account when measuring small impedances (ZUNKNOWN),
specifically when the value of the output series resistance is
comparable to the value of the impedance being tested
(ZUNKNOWN). If the ROUT value is unaccounted for in the system
calibration (that is, the gain factor calculation) when measuring
small impedances, an error will be introduced in subsequent
impedance measurements. (The error introduced depends on
the relative magnitude of the impedance being tested compared
with the value of the output series resistance.)
The value of the output series resistance depends on the
selected output excitation range at VOUT, and, like with all
discrete resistors manufactured in a silicon fabrication process,
the tolerance varies from device to device. Typical values of the
output series resistance are listed in Table 6.
Table 6. Output Series Resistance (ROUT) vs. Excitation Range
Parameter
Value (Typ)
Output Series
Resistance Value (Typ)
Range 1
2 V p-p
200 Ω
Range 2
1 V p-p
2.4 kΩ
Range 3
0.4 V p-p
1.0 kΩ
Range 4
0.2 V p-p
600 Ω
Therefore, to accurately calibrate the AD5933 to measure small
impedances, it is necessary to reduce the signal current by
sufficiently attenuating the excitation voltage and to account for
the output series resistance value (ROUT) by factoring it into the
gain factor calculation (see the AD5933 data sheet for further
details).
During device characterization, measuring the output series
resistance value (ROUT) was achieved by selecting the appropriate
output excitation range at VOUT and then sinking and sourcing
a known current (for example, ±2 mA) at the pin and measuring
the change in dc voltage. The output series resistance was cal-
culated by measuring the inverse of the slope (that is, 1/slope)
of the resultant I-V plot.
A circuit that helps to minimize the effects of the two previously
described issues is shown in Figure 28. The aim of this circuit is
to place the AD5933 system gain within its linear range when
measuring small impedances by using an additional external
amplifier circuit along the signal path. The external amplifier
attenuates the peak-to-peak excitation voltage at VOUT if the
user chooses suitable values for Resistors R1 and R2. This
reduces the signal current flowing through the impedance and
minimizing the effect of the output series resistance in the
impedance calculations.
In the circuit shown in Figure 28, the impedance being tested
(ZUNKNOWN) sees the output series resistance of the external
amplifier. This value is typically much less than 1 Ω with
feedback applied, depending on the op amp device (for
example, AD820, AD8641, or AD8531), the load current, the
bandwidth, and the gain.
The key point is that the output impedance of the external
amplifier in Figure 28, which is also in series with the
impedance being tested (ZUNKNOWN), has a far less significant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32