Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVALAD5933EB Fiches technique(PDF) 16 Page - Analog Devices

No de pièce EVALAD5933EB
Description  Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EVALAD5933EB Fiches technique(HTML) 16 Page - Analog Devices

Back Button EVALAD5933EB Datasheet HTML 12Page - Analog Devices EVALAD5933EB Datasheet HTML 13Page - Analog Devices EVALAD5933EB Datasheet HTML 14Page - Analog Devices EVALAD5933EB Datasheet HTML 15Page - Analog Devices EVALAD5933EB Datasheet HTML 16Page - Analog Devices EVALAD5933EB Datasheet HTML 17Page - Analog Devices EVALAD5933EB Datasheet HTML 18Page - Analog Devices EVALAD5933EB Datasheet HTML 19Page - Analog Devices EVALAD5933EB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
EVAL-AD5933EB
Preliminary Technical Data
Rev. PrC | Page 16 of 32
EVALUATION BOARD SOURCE CODE EXTRACT
‘-------------------------------------------------------------------------------------------------------
‘Code developed using visual basic® 6.
‘Datatype
range
‘Byte
0-255
‘Double
-1.797e308 to – 4.94e-324 and 4.94e-324 to 1.7976e308
‘Integer
-32,768 to 32767
‘Long
-2,147,483,648 to 2,147,483,647
‘Variant‘...when storing numbers same range as double. When storing strings same range as string.
‘-------------------------------------- Variable Declarations -----------------------------------------
Dim ReadbackStatusRegister As Long
'stores the contents of the status register.
Dim RealData As Double
'used to store the 16 bit 2s complement real data.
Dim RealDataUpper As Long
'used to store the upper byte of the real data.
Dim RealDataLower As Long
'used to store the lower byte of the real data.
Dim ImagineryData As Double
'used to store the 16 bit 2s complement real data.
Dim ImagineryDataLower As Long
'used to store the upper byte of the imaginary data.
Dim ImagineryDataUpper As Long
'used to store the lower byte of the imaginary data.
Dim Magnitude As Double
'used to store the sqrt (real^2+imaginary^2).
Dim Impedance As Double
'used to store the calculated impedance.
Dim MaxMagnitude As Double
'used to store the max impedance for the y axis plot.
Dim MinMagnitude As Double
'used to store the min impedance for the y axis plot.
Dim sweep_phase As Double
'used to temporarily store the phase of each sweep point.
Dim Frequency As Double
'used to temporarily store the current sweep frequency.
Dim Increment As Long
'used as a temporary counter
Dim i As Integer
'used as a temporary counter in (max/min) mag,phase loop
Dim xy As Variant
'used in the stripx profile
Dim varray As Variant
Dim Gainfactor as double
‘either a single mid point calibration or an array of calibration points
Dim TempStartFrequency
As Double
Dim StartFrequencybyte0
As Long
Dim StartFrequencybyte2
As Long
Dim StartFrequencybyte1A
As Long
Dim StartFrequencybyte1B
As Long
Dim DDSRefClockFrequency
As Double
Dim NumberIncrementsbyte0
As Long
Dim NumberIncrementsbyte1
As Long
Dim FrequencyIncrementbyt0 As Long
Dim FrequencyIncrementbyt1 As Long
Dim FrequencyIncrementbyt2 As Long
Dim SettlingTimebyte0
As Long
Dim SettlingTimebyte1
As Long
‘-------------------------------------- I^2C read/write definitions-----------------------------------------
‘used
in
the
main
sweep
routine
to
read
and
write
to
AD5933.This
is
the
vendor
request
routines
in
the
firmware
Private Sub WritetToPart(RegisterAddress As Long, RegisterData As Long)
PortWrite &HD, RegisterAddress, RegisterData
‘parameters = device address register address register data
End Sub
Public Function PortWrite(DeviceAddress As Long, AddrPtr As Long, DataOut As Long) As Integer
PortWrite = VendorRequest(VRSMBus, DeviceAddress, CLng(256 * DataOut + AddrPtr), VRWRITE, 0, 0)
End Function
Public Function PortRead(DeviceAddress As Long, AddrPtr As Long) As Integer
PortRead = VendorRequest(VRSMBus, DeviceAddress, AddrPtr, VRREAD, 1, DataBuffer(0))
PortRead = DataBuffer(0)
End Function
‘------------------------------------- PHASE CONVERSION FUNCTION DEFINITION --------------------------------
‘This function accepts the real and imaginary data(R, I) at each measurement sweep point and converts it to
a degree
‘-----------------------------------------------------------------------------------------------------------
Public Function phase_sweep (ByVal img As Double, ByVal real As Double) As Double
Dim theta As Double
Dim pi As Double
pi = 3.141592654
If ((real > 0) And (img > 0)) Then
theta = Atn(img / real)
' theta = arctan (imaginary part/real part)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32