| Moteur de recherche de fiches techniques de composants électroniques |
|
EVALAD5933EB Fiches technique(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVALAD5933EB Fiches technique(HTML) 19 Page - Analog Devices |
|
19 / 32 page ![]() Preliminary Technical Data EVAL-AD5933EB Rev. PrC | Page 19 of 32 RealData = RealData - 65536 End If ImagineryDataUpper = PortRead(&HD, &H96) ImagineryDataLower = PortRead(&HD, &H97) ImagineryData = ImagineryDataLower + (ImagineryDataUpper * 256) 'The imaginary data is stored in a 16 bit 2's complement format. 'In order to use this data it must be converted from 2's complement to decimal format If ImagineryData <= &H7FFF Then ' Positive Data. Else ' Negative ' ImagineryData = ImagineryData And &H7FFF ImagineryData = ImagineryData - 65536 End If ‘-----------------Calculate the Impedance and Phase of the data at this frequency sweep point ----------- Magnitude = ((RealData ^ 2) + (ImagineryData ^ 2)) ^ 0.5 'the next section calculates the phase of the dft real and imaginary components ‘phase_sweep calculates the phase of the sweep data. sweep_phase = (phase_sweep(ImagineryData, RealData) - calibration_phase_mid_point) GainFactor = xx ‘this is determined at calibration.see gain factor section and Datasheet. Impedance = 1 / (Magnitude * GainFactor) ' Write Data to each global array. MagnitudeArray(IndexArray) = Impedance PhaseArray(IndexArray) = sweep_phase ImagineryDataArray(IndexArray) = ImagineryData code(IndexArray) = Magnitude RealDataArray(IndexArray) = RealData Increment = Increment - 1 ' increment was set to number of increments of sweep at the start FrequencyPoints(IndexArray) = Frequency Frequency = Frequency + FrequencyIncrements ' holds the current value of the sweep freq IndexArray = IndexArray + 1 ------------- Check to see if sweep complete ---------------------- ReadbackStatusRegister = PortRead (&HD, &H8F) ReadbackStatusRegister = ReadbackStatusRegister And &H4 ' mask off bit D2 'Increment to next frequency point Frequency WritetToControlRegister &H80, &H30 Loop ‘--------------------- END OF SWEEP: Place device into POWERDOWN mode------------------------------------ 'Enter Powerdown Mode,Set Bits D15,D13 in Control Register. WritetToPart &H80, &HA0 END SUB ‘-------------------------------------------------------------------------------------------------------- ‘The programmed sweep is now complete and the impedance and phase data is available to read in the two ‘arrays MagnitudeArray() = Impedance and PhaseArray() = phase. sweepErrorMsg: MsgBox "Error completing sweep check values" End Sub ‘The programmed sweep is now complete and the impedance and phase data is available to read in the two ‘arrays MagnitudeArray() = Impedance and PhaseArray() = phase. |