| Moteur de recherche de fiches techniques de composants électroniques |
|
EVALAD5933EB Fiches technique(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVALAD5933EB Fiches technique(HTML) 14 Page - Analog Devices |
|
14 / 32 page ![]() EVAL-AD5933EB Preliminary Technical Data Rev. PrC | Page 14 of 32 EXPAND ROOT DIRECTORY Figure 21. Correctly Installed Hardware Q: When I plug in my board for the first time during the installation process, the message shown in Figure 22 appears. Then, when I click Finish, the message shown in Figure 23 appears. What should I do next? Figure 22. Error During the Hardware Installation Figure 23. Error During the Hardware Installation A: The computer has not recognized the USB device, that is, the AD5933 evaluation board that is plugged in. Assuming that the evaluation software is installed correctly (you should have installed the software correctly prior to plugging in the board for the first time), this message simply indicates that the AD5933 device drivers have not been installed to the correct registry and therefore cannot be correctly located by the install wizard. To reinstall the device drivers, right-click My Computer and then left-click Properties. On the Hardware tab, choose Device Manager . Expand Other devices (see Figure 24). Right-click USB Device and then left-click Uninstall Driver. Unplug the evaluation board and wait approximately 30 seconds before plugging it in again. Proceed through the installation wizard a second time. A correct installation should be indicated by the expanded root directory in Figure 25. If you encounter the same error message, uninstall both the device driver and the software and Contact the Analog Devices Technical Support Center for further instructions regarding valid driver files. 1: EXPAND THIS DIRECTORY 2: RIGHT CLICK ON THIS DEVICE Figure 24. Device Manager CORRECTLY INSTALLED HARDWARE Figure 25. Correctly Installed Hardware |