Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VM800C43A-N Fiches technique(PDF) 9 Page - Future Technology Devices International Ltd.

No de pièce VM800C43A-N
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FTDI [Future Technology Devices International Ltd.]
Site Internet  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C43A-N Fiches technique(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button VM800C43A-N Datasheet HTML 5Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 6Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 7Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 8Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 9Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 10Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 11Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 12Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
J4 – SP-
Audio speaker -ve from the onboard amplifier.
J5- SPI Interface
This is the interface where the SPI control and data signals are routed. There are also power and
ground pins on this interface. Note J5 is not soldered on the VM800C board by default.
Pin No.
Name
Type
Description
1
SCLK
I
SPI Clock input
2
MOSI
I
Master Out Slave in
3
MISO
O
Master In Slave out
4
CS#
I
Chip select , active low
5
INT#
OD
Host interrupt open drain output, active low.
On board 47k
Ω pull-up to 3.3V.
6
PD#
I
Active low power down input.
7
5V
P
5V power supply
8
3.3V
P
3.3V power supply
9
GND
P
Ground
10
GND
P
Ground
Table 3-6 – J5 Pinout
JP1- Audio Amplifier Power Select
This jumper provides the option to select the power supply voltage for the onboard power amplifier.
Pin No.
Name
1-2
3V3 selected
2-3
5V selected
Table 3-7 – JP1 Pin options
*This needs to be configured before audio can be heard
JP2 – On board amplifier enable
Solder connection fitted by default
JP3 - On board amplifier mute
Solder connection not fited by default
SW1 – Power source select
Pin No.
Name
1-2
Power from CN1
2-3
Power from CN2
Table 3-8 – JP1 Pin options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com