Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VM800C43A-N Fiches technique(PDF) 13 Page - Future Technology Devices International Ltd.

No de pièce VM800C43A-N
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FTDI [Future Technology Devices International Ltd.]
Site Internet  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C43A-N Fiches technique(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button VM800C43A-N Datasheet HTML 9Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 10Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 11Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 12Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 13Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 14Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 15Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 16Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
SHDN
1
BYPASS
2
IN+
3
IN-
4
VO+
5
VDD
6
GND
7
VO-
8
GND
9
U6
TPA6205A1
C20
1uF
R14
10k/1%
R12
10k/1%
R15
20k/1%
R13
20k/1%
C18
0.47uF
C19
0.22uF
AGND
R17
47k
C16
0.47uF
R9
1k
C13
4.7nF
R10
1k
C14
4.7nF
R11
1k
C15
4.7nF
AGND
AGND
AGND
AGND
AUD_3V3
AUDIO_L
AUDIO_SHDN#
AGND
1
2
3
J2
Header 0.1"
SP-
SP+
AUDIO_L_out
JP2-Audio Amp. Enabled
JP3-Audio Amp. Mute
1
2
4
OE
U5
SN74LVC1G125DBVR
AUD_3V3
AGND
R16
33R
C17
0.1uF
AUD_3V3
AGND
R8
33R
J4
J3
AGND
SP1
1W/8Ohm
AUDIO_L
AUDIO_SHDN#
JP2
JP3
C22
0.1uF
AUD_3V3
C23
10nF
C21
100uF
AGND
Max peak current ~400mA for 8-ohm speaker
GND
1
2
3
JP1
Jumper 2.0mm
5V
FB1
600R/1A
FB2
600R/1A
3V3
XL1
Shunt 2.0mm
AGND
AGND
Figure 4-4 – VM800C Audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com