Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VM800C43A-N Fiches technique(PDF) 17 Page - Future Technology Devices International Ltd.

No de pièce VM800C43A-N
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FTDI [Future Technology Devices International Ltd.]
Site Internet  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C43A-N Fiches technique(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button VM800C43A-N Datasheet HTML 13Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 14Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 15Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 16Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 17Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 18Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 19Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 20Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
6
Specifications
6.1
Optical Specification
Table 6-1 - 3.5” TFT Optical specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com