Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VM800C43A-N Fiches technique(PDF) 7 Page - Future Technology Devices International Ltd.

No de pièce VM800C43A-N
Description  Embedded Video Engine Credit Card Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FTDI [Future Technology Devices International Ltd.]
Site Internet  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VM800C43A-N Fiches technique(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button VM800C43A-N Datasheet HTML 3Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 4Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 5Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 6Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 7Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 8Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 9Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 10Page - Future Technology Devices International Ltd. VM800C43A-N Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Copyright © 2013 Future Technology Devices International Limited
VM800C Datasheet
Version 1.0
Document Reference No.: FT_000844
Clearance No.: FTDI#
345
This connector is the interface between the FT800 IC and the LCD Module.
Signal
Pin No
(3.5”)
Pin No
(4.3/5.0”)
Description
LED K
1,2
1
LED Cathode
LED A
3,4
2
LED Cathode
DISP
8
31
General purpose output pin for
LCD Display Enable, push-pull
output, 4/8mA sink/source
current. Control by writing to
Bit 7 of REG_GPIO register.
HSYNC
36
32
LCD Horizontal Sync, push-pull
output, 4/8mA sink/source
current.
VSYNC
37
33
LCD Vertical Sync, push-pull
output, 4/8mA sink/source
current.
DCLK
38
30
LCD Pixel Clock, push-pull
output, 4/8mA sink/source
current.
DE
52
34
LCD Data Enable, push-pull
output, 4/8mA sink/source
current.
R2
14
7
Bit 2 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
R3
15
8
Bit 3 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
R4
16
9
Bit 4 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
R5
17
10
Bit 5 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
R6
18
11
Bit 6 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
R7
19
12
Bit 7 of Red RGB signals, push-
pull output, 4/8mA sink/source
current.
G2
22
15
Bit 2 of Green RGB signals,
push-pull output, 4/8mA
sink/source current
G3
23
16
Bit 3 of Green RGB signals,
push-pull output, 4/8mA
sink/source current
G4
24
17
Bit 4 of Green RGB signals,
push-pull output, 4/8mA
sink/source current
G5
25
18
Bit 5 of Green RGB signals,
push-pull output, 4/8mA
sink/source current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com