Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F512P30TFA Fiches technique(PDF) 33 Page - Micron Technology

No de pièce JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRON [Micron Technology]
Site Internet  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Fiches technique(HTML) 33 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 29Page - Micron Technology JS28F512P30TFA Datasheet HTML 30Page - Micron Technology JS28F512P30TFA Datasheet HTML 31Page - Micron Technology JS28F512P30TFA Datasheet HTML 32Page - Micron Technology JS28F512P30TFA Datasheet HTML 33Page - Micron Technology JS28F512P30TFA Datasheet HTML 34Page - Micron Technology JS28F512P30TFA Datasheet HTML 35Page - Micron Technology JS28F512P30TFA Datasheet HTML 36Page - Micron Technology JS28F512P30TFA Datasheet HTML 37Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
Datasheet
Sept 2012
33
Order Number:208042-0
6
P30-65nm
10.2
Selectable OTP Blocks
P30-65nm provides the backward compatible One Time Programming permanent block
lock security feature as legacy P30-130nm devices. Blocks from the main array can be
optionally configured as OTP. Ask your local Numonyx Sales representative for details
about these selectable OTP implementations.
10.3
Password Access
Password Access is a security enhancement offered on the P30-65nm device. This
feature protects information stored in array blocks by preventing content alteration or
reads until a valid 64-bit password is received. Password Access may be combined with
Flexible block blocking to create a multi-tiered solution.
Please contact your Numonyx Sales for further details concerning Password Access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86