Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F512P30TFA Fiches technique(PDF) 72 Page - Micron Technology

No de pièce JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRON [Micron Technology]
Site Internet  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Fiches technique(HTML) 72 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 68Page - Micron Technology JS28F512P30TFA Datasheet HTML 69Page - Micron Technology JS28F512P30TFA Datasheet HTML 70Page - Micron Technology JS28F512P30TFA Datasheet HTML 71Page - Micron Technology JS28F512P30TFA Datasheet HTML 72Page - Micron Technology JS28F512P30TFA Datasheet HTML 73Page - Micron Technology JS28F512P30TFA Datasheet HTML 74Page - Micron Technology JS28F512P30TFA Datasheet HTML 75Page - Micron Technology JS28F512P30TFA Datasheet HTML 76Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
72
Order Number: 208042-0
6
A.2
Flowcharts
Figure 30: Word Program Flowchart
Start
Data Cycle
- Address = location to program
- Data = Data to program
Yes
D7 = '1'
?
End
No
Suspend
?
No
Yes
Errors
?
Yes
No
Error-Handler
User Defined Routine
Read Status Register
- Toggle CE# or OE# to update Status Register
- See Status Register Flowchart
Program Suspend
See Suspend/
Resume Flowchart
Command Cycle
- Issue Program Command
- Address = location to program
- Data = 0x40
Check Ready Status
- Read Status Register Command not required
- Perform read operation
- Read Ready Status on signal D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86