Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F512P30TFA Fiches technique(PDF) 86 Page - Micron Technology

No de pièce JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRON [Micron Technology]
Site Internet  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Fiches technique(HTML) 86 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 78Page - Micron Technology JS28F512P30TFA Datasheet HTML 79Page - Micron Technology JS28F512P30TFA Datasheet HTML 80Page - Micron Technology JS28F512P30TFA Datasheet HTML 81Page - Micron Technology JS28F512P30TFA Datasheet HTML 82Page - Micron Technology JS28F512P30TFA Datasheet HTML 83Page - Micron Technology JS28F512P30TFA Datasheet HTML 84Page - Micron Technology JS28F512P30TFA Datasheet HTML 85Page - Micron Technology JS28F512P30TFA Datasheet HTML 86Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 86 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
86
Order Number: 208042-0
6
Appendix C Revision History
Date
Revision Description
Jan 2008
01
Initial release.
Aug 2009
02
Add Top/Bottom device information such as memory map, device ID, CFI, ordering information etc.
Add 40Mhz specification for TSOP package.
Add a Note to clarify the SR output after E8 command in
“Buffered Programming” on
page 24.
Align flowchart of Program/Erase Suspend as same as 130nm.
Align flowchart of block locking operation as same as 130nm.
Add note 7 to flowchart of Buffer program.
Update Ordering Information.
Update RCR.7 in
“Read Configuration Register Description” on page 35.
Nov 2009
03
Add 2-Gbit density related information such as memory map, CFI, ordering information, 2G DC
current spec, capacitance, dual-die configuration and Device ID note etc.
Update suspend latency spec.
Feb 2010
04
Update on TSOP package with VCCQ and Temp.
Update the erase and program performance.
Ordering information with Device feature digit.
Add 2 RC part in valid combination.
CFI update aligned with performance update.
Apr 2010
05
Update the ADV# signal connection for TSOP package.
Add comments for synchronous page mode and synchronous mode read.
Burst latency count update in
Table 14, “LC and Frequency Support” on page 37.
BEFP setup time update from 5 to 20.
Update 2-Gbit Tacc time 95ns.
Sept 2012
06
Corrected tCHQV from 22ns to 17ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86