Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F512P30TFA Fiches technique(PDF) 79 Page - Micron Technology

No de pièce JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRON [Micron Technology]
Site Internet  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Fiches technique(HTML) 79 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 75Page - Micron Technology JS28F512P30TFA Datasheet HTML 76Page - Micron Technology JS28F512P30TFA Datasheet HTML 77Page - Micron Technology JS28F512P30TFA Datasheet HTML 78Page - Micron Technology JS28F512P30TFA Datasheet HTML 79Page - Micron Technology JS28F512P30TFA Datasheet HTML 80Page - Micron Technology JS28F512P30TFA Datasheet HTML 81Page - Micron Technology JS28F512P30TFA Datasheet HTML 82Page - Micron Technology JS28F512P30TFA Datasheet HTML 83Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 86 page
background image
Datasheet
Sept 2012
79
Order Number:208042-0
6
P30-65nm
Figure 37: OTP Register Programming Flowchart
Start
Confirm Data
- Write OTP Address and Data
Yes
SR.7 = '1'
?
End
No
Read Status Register
- Toggle CE# or OE# to update Status Register
- See Status Register Flowchart
OTP Program Setup
- Write 0xC0
- OTP Address
Check Ready Status
- Read Status Register Command not required
- Perform read operation
- Read Ready Status on signal SR.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86