Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F415RG Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce STM32F415RG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F415RG Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button STM32F415RG Datasheet HTML 47Page - STMicroelectronics STM32F415RG Datasheet HTML 48Page - STMicroelectronics STM32F415RG Datasheet HTML 49Page - STMicroelectronics STM32F415RG Datasheet HTML 50Page - STMicroelectronics STM32F415RG Datasheet HTML 51Page - STMicroelectronics STM32F415RG Datasheet HTML 52Page - STMicroelectronics STM32F415RG Datasheet HTML 53Page - STMicroelectronics STM32F415RG Datasheet HTML 54Page - STMicroelectronics STM32F415RG Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 186 page
background image
DocID022063 Rev 4
51/186
STM32F415xx, STM32F417xx
Pinouts and pin description
-
F5 45 67
P11
77
PE14
I/O FT
FSMC_D11/TIM1_CH4/
EVENTOUT
-
G44668 R11
78
PE15
I/O FT
FSMC_D12/TIM1_BKIN/
EVENTOUT
29 H4 47 69 R12
79
PB10
I/O FT
SPI2_SCK / I2S2_CK /
I2C2_SCL/ USART3_TX /
OTG_HS_ULPI_D3 /
ETH_MII_RX_ER /
TIM2_CH3/ EVENTOUT
30
J4
48 70 R13
80
PB11
I/O FT
I2C2_SDA/USART3_RX/
OTG_HS_ULPI_D4 /
ETH_RMII_TX_EN/
ETH_MII_TX_EN /
TIM2_CH4/ EVENTOUT
31
F4 49 71 M10 81
VCAP_1
S
32
-
50 72 N10
82
VDD
S
--
-
-
M11 83
PH6
I/O FT
I2C2_SMBA / TIM12_CH1
/ ETH_MII_RXD2/
EVENTOUT
-
-
-
-
N12
84
PH7
I/O FT
I2C3_SCL /
ETH_MII_RXD3/
EVENTOUT
--
-
-
M12 85
PH8
I/O FT
I2C3_SDA /
DCMI_HSYNC/
EVENTOUT
--
-
-
M13 86
PH9
I/O FT
I2C3_SMBA /
TIM12_CH2/ DCMI_D0/
EVENTOUT
--
-
-
L13
87
PH10
I/O FT
TIM5_CH1 / DCMI_D1/
EVENTOUT
--
-
-
L12
88
PH11
I/O FT
TIM5_CH2 / DCMI_D2/
EVENTOUT
--
-
-
K12
89
PH12
I/O FT
TIM5_CH3 / DCMI_D3/
EVENTOUT
--
-
-
H12
90
VSS
S
--
-
-
J12
91
VDD
S
Table 7. STM32F41x pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More