Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F415RG Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce STM32F415RG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F415RG Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button STM32F415RG Datasheet HTML 59Page - STMicroelectronics STM32F415RG Datasheet HTML 60Page - STMicroelectronics STM32F415RG Datasheet HTML 61Page - STMicroelectronics STM32F415RG Datasheet HTML 62Page - STMicroelectronics STM32F415RG Datasheet HTML 63Page - STMicroelectronics STM32F415RG Datasheet HTML 64Page - STMicroelectronics STM32F415RG Datasheet HTML 65Page - STMicroelectronics STM32F415RG Datasheet HTML 66Page - STMicroelectronics STM32F415RG Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 186 page
background image
Port C
PC0
OTG_HS_ULPI_
STP
EVENTOUT
PC1
ETH_MDC
EVENTOUT
PC2
SPI2_MISO
I2S2ext_SD
OTG_HS_ULPI_
DIR
ETH _MII_TXD2
EVENTOUT
PC3
SPI2_MOSI
I2S2_SD
OTG_HS_ULPI_
NXT
ETH
_MII_TX_CLK
EVENTOUT
PC4
ETH_MII_RXD0
ETH_RMII_RXD0
EVENTOUT
PC5
ETH _MII_RXD1
ETH _RMII_RXD1
EVENTOUT
PC6
TIM3_CH1
TIM8_CH1
I2S2_MCK
USART6_TX
SDIO_D6
DCMI_D0
EVENTOUT
PC7
TIM3_CH2
TIM8_CH2
I2S3_MCK
USART6_RX
SDIO_D7
DCMI_D1
EVENTOUT
PC8
TIM3_CH3
TIM8_CH3
USART6_CK
SDIO_D0
DCMI_D2
EVENTOUT
PC9
MCO2
TIM3_CH4
TIM8_CH4
I2C3_SDA
I2S_CKIN
SDIO_D1
DCMI_D3
EVENTOUT
PC10
SPI3_SCK/
I2S3_CK
USART3_TX/
UART4_TX
SDIO_D2
DCMI_D8
EVENTOUT
PC11
I2S3ext_SD
SPI3_MISO/
USART3_RX
UART4_RX
SDIO_D3
DCMI_D4
EVENTOUT
PC12
SPI3_MOSI
I2S3_SD
USART3_CK
UART5_TX
SDIO_CK
DCMI_D9
EVENTOUT
PC13
EVENTOUT
PC14
EVENTOUT
PC15
EVENTOUT
Table 9. Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1
I2C1/2/3
SPI1/SPI2/
I2S2/I2S2ext
SPI3/I2Sext/
I2S3
USART1/2/3/
I2S3ext
UART4/5/
USART6
CAN1/
CAN2/
TIM12/13/14
OTG_FS/
OTG_HS
ETH
FSMC/SDIO/
OTG_FS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More