Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F415RG Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce STM32F415RG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F415RG Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button STM32F415RG Datasheet HTML 67Page - STMicroelectronics STM32F415RG Datasheet HTML 68Page - STMicroelectronics STM32F415RG Datasheet HTML 69Page - STMicroelectronics STM32F415RG Datasheet HTML 70Page - STMicroelectronics STM32F415RG Datasheet HTML 71Page - STMicroelectronics STM32F415RG Datasheet HTML 72Page - STMicroelectronics STM32F415RG Datasheet HTML 73Page - STMicroelectronics STM32F415RG Datasheet HTML 74Page - STMicroelectronics STM32F415RG Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 186 page
background image
DocID022063 Rev 4
71/186
STM32F415xx, STM32F417xx
Memory mapping
Table 10. STM32F41x register boundary addresses
Bus
Boundary address
Peripheral
0xE00F FFFF - 0xFFFF FFFF
Reserved
Cortex-M4
0xE000 0000 - 0xE00F FFFF
Cortex-M4 internal peripherals
0xA000 1000 - 0xDFFF FFFF
Reserved
AHB3
0xA000 0000 - 0xA000 0FFF
FSMC control register
0x9000 0000 - 0x9FFF FFFF
FSMC bank 4
0x8000 0000 - 0x8FFF FFFF
FSMC bank 3
0x7000 0000 - 0x7FFF FFFF
FSMC bank 2
0x6000 0000 - 0x6FFF FFFF
FSMC bank 1
0x5006 0C00- 0x5FFF FFFF
Reserved
AHB2
0x5006 0800 - 0x5006 0BFF
RNG
0x5006 0400 - 0x5006 07FF
HASH
0x5006 0000 - 0x5006 03FF
CRYP
0x5005 0400 - 0x5005 FFFF
Reserved
0x5005 0000 - 0x5005 03FF
DCMI
0x5004 0000- 0x5004 FFFF
Reserved
0x5000 0000 - 0x5003 FFFF
USB OTG FS
0x4008 0000- 0x4FFF FFFF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More