Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F415RG Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce STM32F415RG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F415RG Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button STM32F415RG Datasheet HTML 46Page - STMicroelectronics STM32F415RG Datasheet HTML 47Page - STMicroelectronics STM32F415RG Datasheet HTML 48Page - STMicroelectronics STM32F415RG Datasheet HTML 49Page - STMicroelectronics STM32F415RG Datasheet HTML 50Page - STMicroelectronics STM32F415RG Datasheet HTML 51Page - STMicroelectronics STM32F415RG Datasheet HTML 52Page - STMicroelectronics STM32F415RG Datasheet HTML 53Page - STMicroelectronics STM32F415RG Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 186 page
background image
Pinouts and pin description
STM32F415xx, STM32F417xx
50/186
DocID022063 Rev 4
27 H7 36 47
R4
57
PB1
I/O FT
(4)
TIM3_CH4 / TIM8_CH3N/
OTG_HS_ULPI_D2/
ETH_MII_RXD3 /
TIM1_CH3N/ EVENTOUT
ADC12_IN9
28
J7
37 48
M6
58
PB2/BOOT1
(PB2)
I/O FT
EVENTOUT
-
-
-
49
R6
59
PF11
I/O FT
DCMI_D12/ EVENTOUT
-
-
-
50
P6
60
PF12
I/O FT
FSMC_A6/ EVENTOUT
--
-
51
M8
61
VSS
S
--
-
52
N8
62
VDD
S
-
-
-
53
N6
63
PF13
I/O FT
FSMC_A7/ EVENTOUT
-
-
-
54
R7
64
PF14
I/O FT
FSMC_A8/ EVENTOUT
-
-
-
55
P7
65
PF15
I/O FT
FSMC_A9/ EVENTOUT
-
-
-
56
N7
66
PG0
I/O FT
FSMC_A10/ EVENTOUT
-
-
-
57
M7
67
PG1
I/O FT
FSMC_A11/ EVENTOUT
-
G63858
R8
68
PE7
I/O FT
FSMC_D4/TIM1_ETR/
EVENTOUT
-
H6 39 59
P8
69
PE8
I/O FT
FSMC_D5/ TIM1_CH1N/
EVENTOUT
-
J6
40 60
P9
70
PE9
I/O FT
FSMC_D6/TIM1_CH1/
EVENTOUT
--
-
61
M9
71
VSS
S
--
-
62
N9
72
VDD
S
-
F6 41 63
R9
73
PE10
I/O FT
FSMC_D7/TIM1_CH2N/
EVENTOUT
-
J5
42 64 P10
74
PE11
I/O FT
FSMC_D8/TIM1_CH2/
EVENTOUT
-
H543 65R10
75
PE12
I/O FT
FSMC_D9/TIM1_CH3N/
EVENTOUT
-
G54466 N11
76
PE13
I/O FT
FSMC_D10/TIM1_CH3/
EVENTOUT
Table 7. STM32F41x pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More