Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR8555 Fiches technique(PDF) 1 Page - Leshan Radio Company

No de pièce LR8555
Description  Low noise 150mA LDO regulator Standby Mode : 0.1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8555 Fiches technique(HTML) 1 Page - Leshan Radio Company

  LR8555 Datasheet HTML 1Page - Leshan Radio Company LR8555 Datasheet HTML 2Page - Leshan Radio Company LR8555 Datasheet HTML 3Page - Leshan Radio Company LR8555 Datasheet HTML 4Page - Leshan Radio Company LR8555 Datasheet HTML 5Page - Leshan Radio Company LR8555 Datasheet HTML 6Page - Leshan Radio Company LR8555 Datasheet HTML 7Page - Leshan Radio Company LR8555 Datasheet HTML 8Page - Leshan Radio Company LR8555 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LR8555
Applicationl
LR8555 Typical Application Circuit
LR8555 Typical Performance
Characterilticl
LR8555 series is a group of positive voltage output Low power consumption,low dropout voltage regulator.
LR8555 can provide output value in the range of 1.2~5V every 0.1V step.It also can be customized on command.
LR8555 includes high accuracy voltage reference,error amplifier,current limit circuit and output driver module.
LR8555 has excellent load and line transient response and good temperature characteristcs,which can assure
the stabllity of chip and power system.And it uses trimming technique to output voltage accuracy with ± 2%.
LR8555 is avilable in SOT23-5,SC70-5 packages which is lead free.It also can available in these packages with lead.
Featurel
LESHAN RADIO COMPANY, LTD.
LESHAN RADIO COMPANY, LTD.
Low noise 150mA LDO regulator
1/9
LR8555-1.8V Output
CE
V DD
VOUT
GND
IN
OUT
Cap
Cap
LR8555
+
+
Cellular
Voltage
Voltage


Numéro de pièce similaire - LR8555

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
300mA Low Consumption Linear Regulator
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
Low noise, fast response 500mA LDO regulato
LR8558-12PRM LRC-LR8558-12PRM Datasheet
647Kb / 11P
Low noise, fast response 500mA LDO regulato
LR8558-12PRN LRC-LR8558-12PRN Datasheet
647Kb / 11P
Low noise, fast response 500mA LDO regulato
LR8558-12PSA LRC-LR8558-12PSA Datasheet
647Kb / 11P
Low noise, fast response 500mA LDO regulato
More results

Description similaire - LR8555

FabricantNo de pièceFiches techniqueDescription
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
LOW NOISE 150mA LDO REGULATOR???
Rev. 1.11
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com