Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR8555 Fiches technique(PDF) 3 Page - Leshan Radio Company

No de pièce LR8555
Description  Low noise 150mA LDO regulator Standby Mode : 0.1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8555 Fiches technique(HTML) 3 Page - Leshan Radio Company

  LR8555 Datasheet HTML 1Page - Leshan Radio Company LR8555 Datasheet HTML 2Page - Leshan Radio Company LR8555 Datasheet HTML 3Page - Leshan Radio Company LR8555 Datasheet HTML 4Page - Leshan Radio Company LR8555 Datasheet HTML 5Page - Leshan Radio Company LR8555 Datasheet HTML 6Page - Leshan Radio Company LR8555 Datasheet HTML 7Page - Leshan Radio Company LR8555 Datasheet HTML 8Page - Leshan Radio Company LR8555 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product Marking information:
Block Diagram
LESHAN RADIO COMPANY, LTD.
LESHAN RADIO COMPANY, LTD.
3/9
12
3
54
SC70-5
12
3
54
SOT23-5A
12
3
54
SOT23-5B
Output current & EN availability
Output voltage
Year of manufacturing
Week of mannufacturing
For example:
LR8555 with output current 150mA,SOT23-5
package with an EN pin its position
is c
The year of manufacturing: "5" stands for year 2005,
"6" stands for year 2006,and " 0 " for year 2010.
Code
Iout
EN
Code
Iout
EN
A
50mA
No
A
50mA
Yes
B
100mA
No
B
100mA
Yes
C
150mA
No
C
150mA
Yes
D
200mA
No
D
200mA
Yes
E
250mA
No
E
250mA
Yes
F
300mA
No
F
300mA
Yes
G
350mA
No
G
350mA
Yes
H
400mA
No
H
400mA
Yes
I
450mA
No
I
450mA
Yes
J
500mA
No
J
500mA
Yes
Code Week of Mfg Code Week of Mfg Code Week of Mfg Code Week of Mfg Code Week of Mfg
A1
L
12
W
23
H
34
S
45
B2
M
13
X
24
I
35
T
46
C3N
14
Y
25
J
36
U
47
D4
O
15
Z
26
K
37
V
48
E5P
16
A
27
L
38
W
49
F6
Q
17
B
28
M
39
X
50
G7
R
18
C
29
N
40
Y
51
H8
S
19
D
30
O
41
Z
52
I9
T
20
E
31
P
42
J10
U
21
F
32
Q
43
K11
V
22
G
33
R
44
Code
Vout
Code
Iout
Code
Iout
2
1.2V
7
2.7V
2
4.2V
3
1.3V
8
2.8V
3
4.3V
4
1.4V
9
2.9V
4
4.4V
5
1.5V
0
3.0V
5
4.5V
6
1.6V
1
3.1V
6
4.6V
7
1.7V
2
3.2V
7
4.7V
8
1.8V
3
3.3V
8
4.8V
9
1.9V
4
3.4V
9
4.9V
0
2.0V
5
3.5V
0
5.0V
1
2.1V
6
3.6V
2
2.2V
7
3.7V
3
2.3V
8
3.8V
4
2.4V
9
3.9V
5
2.5V
0
4.0V
6
2.6V
1
4.1V
+
-
CE
V DD
VOUT
GND
Vref
Current Limit



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com