Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT1995 Fiches technique(PDF) 24 Page - Aeroflex Circuit Technology

No de pièce CT1995
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1995 Fiches technique(HTML) 24 Page - Aeroflex Circuit Technology

Back Button CT1995 Datasheet HTML 17Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 18Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 19Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 20Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 21Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 22Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 23Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 24Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 25Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
24
Ceramic CoFired Plug In Package Outline
Lead 1 & ESD
Designator
.100
1.100
TYP
2.200
2.100
Pin 43
Pin 45
Pin 44
Pin 2
Pin 3
.135
.050
TYP
1.300
.090
.135
Pin 1
Pin 48
Pin 46
Pin 47
Pin 88
Pin 90
Pin 89
.018 DIA
TYP
2.400
MAX
1.600
MAX
.200
MIN
.225
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25