Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT1995 Fiches technique(PDF) 17 Page - Aeroflex Circuit Technology

No de pièce CT1995
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1995 Fiches technique(HTML) 17 Page - Aeroflex Circuit Technology

Back Button CT1995 Datasheet HTML 13Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 14Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 15Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 16Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 17Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 18Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 19Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 20Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 21Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
17
SA4-SA0
NBGT
1.0µs Minimum
Valid
Valid
Valid
Previous command value
Previous command value
Previous command value
BUSY Latch here
TX/RX
WC4-WC0
CWC4-CWC0
INCMD
INCLK
Figure 13 – New Command Initialization
NBGT
INCMD
VECTEN
H/L
Enable high byte of
vector word onto
internal highway
Enable low byte of
vector word onto
internal highway
Figure 14 – Transmit Vector Word Command
1.5µs
approx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25