Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT1995 Fiches technique(PDF) 11 Page - Aeroflex Circuit Technology

No de pièce CT1995
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1995 Fiches technique(HTML) 11 Page - Aeroflex Circuit Technology

Back Button CT1995 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 10Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 11Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 12Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 13Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 14Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
11
NEXT
Controller to
RT Transfer
Receive
Command
Data
Word
Data
Word
. . . .
Data
Word
. .
Status
Word
§
Command
Word
RT to
Controller
Transfer
NEXT
Transmit
Command
. .
Status
Word
Data
Word
Data
Word
. . . .
Data
Word
§
Command
Word
NEXT
RT to RT
Transfer
Receive
Command
Transmit
Command
. .
Status
Word
Data
Word
Data
Word
. . . . Data
Word
. .
Status
Word
§
Command
Word
Mode Command
Without Data
Word
NEXT
Mode
Command
. .
Status
Word
§
Command
Word
Mode Command
With Data
Word
(Transmit)
NEXT
Mode
Command
. .
Status
Word
Data
Word
§
Command
Word
Mode Command
With Data
Word
(Receive)
NEXT
Mode
Command
Data
Word
. .
Status
Word
§
Command
Word
NOTE:
§ = Intermessage Gap
. . = Response Time
Figure 1 – Typical Message Formats
T/R
Bit
Mode Code
Function
Associated
Data Word
Broadcast Command
Allowed
1
00000
Dynamic Bus Control
No
No
1
00001
Synchronize
No
Yes
1
00010
Transmit Status Word
No
No
1
00011
Initiate Self Test
No
Yes
1
00100
Transmitter Shutdown
No
Yes
1
00101
Override Transmitter Shutdown
No
Yes
1
00110
Inhibit Terminal Flag Bit
No
Yes
1
00111
Override lnhibit Terminal Flag Bit
No
Yes
1
01000
Reset Remote Terminal
No
Yes
1
01001
Reserved
No
TBD
↓
↓
↓
↓
1
01111
Reserved
No
TBD
1
10000
Transmit Vector Word
Yes
No
0
10001
Synchronize
Yes
Yes
1
10010
Transmit Last Command
Yes
No
1
10011
Transmit BlTWord
Yes
No
0
10100
Selected Transmitter Shutdown
Yes
Yes
0
10101
Override Selected Transmitter
Shutdown
Yes
Yes
1 or 0
10110
Reserved
Yes
TBD
↓
↓
↓
↓
1 or 0
11111
Reserved
Yes
TBD
Figure 2 – Assigned Mode Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25