Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CT1995 Fiches technique(PDF) 16 Page - Aeroflex Circuit Technology

No de pièce CT1995
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1995 Fiches technique(HTML) 16 Page - Aeroflex Circuit Technology

Back Button CT1995 Datasheet HTML 12Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 13Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 14Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 15Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 16Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 17Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 18Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 19Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 20Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
16
DTAK
IUSTB
H/L
CWC0-CWC4
DTRQ
Subsystem Reply Time < 13.5µs
Don’t Care
250 nsec
250 nsec
500 nsec
Valid
Incremented
Enable High Byte of TX
Data on Internal
Highway
Enable Low Byte of
TX Data on Internal
Highway
Figure 11 – Handshaking for Tx Data Transfers
DTAK
IUSTB
H/L
CWC0-CWC4
DTRQ
Subsystem Reply Time < 1.5µs
Don’t Care
250 nsec
250 nsec
500 nsec
Incremented
Valid
Low Byte Valid
High Byte Valid
Internal
Highway
Figure 12 – Handshaking for Rx Data Transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25