Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTPF0100UG Fiches technique(PDF) 13 Page - Freescale Semiconductor, Inc

No de pièce KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Fiches technique(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 9Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 10Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 11Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 12Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 13Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 14Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 15Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 16Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
13
Hardware Configuration
7
Hardware Configuration
By default, the KITPF0100EPEVBE evaluation board is set to power up from the default power-up sequence.
Verify that the jumpers are placed in the right position as shown in Figure 9. For a detailed description of the jumper
functionality, refer to Table 1.







 




 
































"








#
#
















 



#



 




























































Figure 9. Default Jumper Configuration Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74